Part Number Hot Search : 
CH400DPT 5742EUB PIC18F4 UPD16 064B1 3330DT3 W8511HI GPW576
Product Description
Full Text Search
 

To Download B5-433-20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ROITHNER LASERTECHNIK
B5-433-20D DESCRIPTION
Super bright LED Lamp Round type T1-3/4 (5mm) diameter Lens color: Water Clear With Flange Solder leads without stand-off
5.9 0.3
5 0.2
8.6 0.3
1.0 0.2
1M AX.
FEATURES
Emitted color: Super Green High Luminous intensity Technology: AlGaInP Peak wavelength p = 575 nm Viewing angle: 30
0.5 26.4 M IN.
ANO DE 2.54
1.0 M IN.
Notes: 1. All dimensions are in millimeter. 2. Lead spacing is measured where the lead emerge from the package.
SELECTION GUIDE
Chip Material
AlGaInP
Chip Emitted
Super Green
Lens Color
Water Clear
Viewing Angle
30
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 - 0 Fax.: +43-1-586 52 43 44 office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/12
1/3
ROITHNER LASERTECHNIK
B5-433-20D ABSOLUTE MAXIMUM RATINGS
PARAMETER
Power Dissipation Peak Forward Current (1/10 Duty Cycle @1kHz ) Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range PD IPF IAF VR TOPR TSTG
(Ta=25 C)
SYMBOL MAX. RATING
80 200 50 5.0 -40~+85 -40~+85
Unit
mW mA mA V C C
Solder temperature 1.6 mm from body for 3 seconds at 260C
OPTICAL-ELECTRICAL CHARACTERISTICS
PARAMETER
Luminous Intensity Forward Voltage Reverse Current Viewing Angle Peak Wavelength Dominant Wavelength
Spectrum Radiation Bandwidth *Tolerance of Viewing Angle: -10 / +5 deg.
SYMBOL
IV VF IR 21/2 P D
TEST CONDITION
IF = 20mA IF = 20mA VR = 5V IF = 20mA IF = 20mA IF = 20mA IF = 20mA
MIN
1200
TYP
1700 2.0
MAX UNIT
mcd 2.4 10 V A deg. nm nm nm
30 575 572 25
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 - 0 Fax.: +43-1-586 52 43 44 office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/12
2/3
ROITHNER LASERTECHNIK
B5-433-20D TYPICAL OPTICAL-ELECTRICAL CHARACTERISTIC CURVES
Relative Luminous Intensity (%) Normalized at If=20mA
Relative Luminous Intensity
0 10 20 30 40
1.0 0.9
100 80 60 40 20 0
550 560 570 580 590 600 610 620 - Wavclength (nm)
0.7 0.5 0.3 0.1
0.2 0.4 0.6 0.8
50 60 70 80 90
RADIATION DIAGRAM
2.0
RELATIVE LUMINOUS INTENSITY Vs. WAVELENGTH
50
Relative Luminous Intensity
Forward Current -If(mA)
1.0 0.5 0.2 0.1 0 -30 -10 10 30 50 70
40 30 20 10 0
0
20
40
60
80
100
A bient Tem m perature -TA ) (
A bient Tem m perature -TA ) (
LUMINOUS INTENSITY Vs. AMBIENT TEMPERATURE
50 40 30 20 10 0 1.2 1.6 2.0 2.4 2.8 3.0
FORWARD CURRENT Vs. AMBIENT TEMPERATURE
Luminous Intensity Relative Volue at If=10mA
5.0 4.0 3.0 2.0 1.0 0 10 20 30 40 50
Forward Current-I F (mA)
Forw V ard oltage -V (V F )
Forw C ard urrent-IF (m ) A
FORWARD CURRENT Vs. FORWARD VOLTAGE
LUMINOUS INTENSITY Vs. FORWARD CURRENT
Schoenbrunner Strasse 7, Vienna, Austria, Tel.: +43-1-586 52 43 - 0 Fax.: +43-1-586 52 43 44 office@roithner-laser.com, http://www.roithner-laser.com
REV.2002/9/12
3/3


▲Up To Search▲   

 
Price & Availability of B5-433-20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X